Part Number Hot Search : 
1N5657E3 CDRH4 LT1121 PT224 50500 IN74AC04 FM102SPT 26001
Product Description
Full Text Search
 

To Download NP383-28804-N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NP383 Series (Open Top) Chip Scale Package -TH
Specifications
1,000M min. at 100V DC Insulation Resistance: Dielectric Withstanding Voltage: 100V AC for 1 minute 100m max. at 10mA/20mV max. Contact Resistance: Operating Temperature Range: -40C to +150C 10gf per pin approx. Contact Force: 2.2kg 0.5 Operating Force:
(CSP, 0.50mm Pitch)
Part Number (Details)
NP383 - ***
Series No. No. of Contact Pins Design Number
09 *
Materials and Finish
Housing: Polyetherimide (PEI), glass-filled Polyetherssulphone (PES), glass-filled Contacts: Beryllium Copper (BeCu) Plating: Gold over Nickel
Features
Open top socket for BGA Through hole 0.5mm pitch 2-point Tweezer Contacts
Positioning Pin: N = Without P = With
Example Socket Dimensions
Contact Details
Recommended PC Board Layout
Top View from Socket
2-point Tweezer Style Contact
Free
Open
Test
Part Number
NP383-18010-* NP383-28804-* NP383-84107-*
Grid Size
10x18 18x18 29x29
Body size
11.0x12.5 10.0x10.0 15.0x15.0
Socket Dimensions
19.5x26.0 36.0x36.0 33.0x33
Centre Grid size
no grid centre 6x6 7x7
Test & Burn-In
SPECIFICATIONS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER
Arrays


▲Up To Search▲   

 
Price & Availability of NP383-28804-N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X